Part Number Hot Search : 
A1030 HGBBN BC369 BU4846G HIP66 AS324P MC36206 MRF3010
Product Description
Full Text Search
 

To Download ESO01000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  proud to serve you data given at tambient= 25 c and subject to modification without previous notice c e l d u c ? r e l a i s celduc ? r e l a i s s/ acc / eso 0 1 000 / b / 2 3 /0 9 / 08 preliminary page 1 / 4 uk voltage protection for dc solid - state relays ESO01000 non - repetitive peak voltage 200vdc max operating permanent current 8 0a u helps protecting solid - state relays against voltage transient due to the inductive effect of lines and loads. u fly wheel diode (d2), with fast response, low on - state voltage drop and connection polarity free, mounted on the metal base plate to be cooled by a heatsink for high switching frequency applications (pwm) u decoupling capacitor (c1), connection polarity free and non polarized (polyester) equipped with a discharging resistor u ssr voltage clamping function (d1) not included therefore more adapted to som0 dc ssr range (ssr with built - in voltage protection d1) c lamping voltage function for dc relays (d1) no operating voltage range current range dc ssr c lamping voltage function isolations conne ct ions dimensions (lxhx d ) weight 0 - 130vdc 0 - 80a non 4 kv screw terminals 45 x 58 . 5 x 30 80g fig. 1 high side wiring diagram (load connected to ? - ?) fig. 2 low side wiring diagram (load connected to ?+?) red wires must be as short as possible red wires must be as short as possible fig. 3 internal diagram
celduc ? r e l a i s s/ acc / eso 0 1 000 / b / 2 3 /0 9 / 08 preliminary page 2 / 4 uk general characteristics characteristic label value info. dc mains max voltage ue max 130 vdc non repetitive peak voltage u e p 200 v max voltage rise due/dt 125v/s ue=uep max nominal current ie max 8 0a power output/case insulation uimp 4 kv isolation resistance rio 1g w isolation capacitance cio <8pf storage ambient temperature tstg - 40 c - > +100c operating am bient temperature tamb - 40c - > +90c power circuit max. case temperature tc 100c line circuit characteristics (c1 & rd) characteristic label value info. decoupling capacitor c1 4.4 f 20% technolog y polyester discharging resistor rd 1m w / 0. 5 w line circuit discharging time constant t 2 s l oad circuit characteristics (d2) characteristic label value info. voltage drop during fly wheel u d2 (vf) 1.2 v @ie=8 0a see fig. 4 instantaneous power dissipation p d2 0.96 + 0.00 3 x i e max nominal average current i d2 av (ifav) 80 a max repetitive peak overload current i d2 peak (if rm ) 500 a tpulse=25s max non repetitive peak overload current i d2 peak (if sm ) 1 000 a tpulse=25s max leakage current - i d2 (i r ) 0.1ma @ tj=25c 17 ma @ tj=tjma x @u ep @tjmax recovering time trr 190ns i d2 =1a,di/dt=50a/s, tc=25c junction/case thermal resistance rthjc 0.35k /w housing thermal resistance vertically mounted rthra 10k /w @ d tra=75c housing thermal time constant tthra 10 minutes @ d tra=60c load circuit maximum junction temperature tjmax 1 2 5c
celduc ? r e l a i s s/ acc / eso 0 1 000 / b / 2 3 /0 9 / 08 preliminary page 3 / 4 uk output characteristic curves fig. 4 voltage drop vs current (diode d2 during fly wheel ) tj = 25c tj = 150c 0 0,5 1 1,5 2 2,5 3 3,5 0 100 200 300 400 500 600 700 800 900 1000 fig. 5 thermal impedance (diode d2) fig . 6 overload permitted during on - state (diode d2 during fly wheel ) not available not available fig. 7 power dissipation and average cu rrent vs ambient temperature 0 10 20 30 40 50 60 70 80 0 10 20 30 40 50 60 70 80 90 100 110 0 10 10k/w 20 31 43 55 68 82 96 4k/w 2.2k/w 2.1k/w 1.2k/w 1.1k/w 0.75k/w 0.55k/w 0.3k/w 10 k/w = no heatsink / 1ld12020 4k/w = 150x150x3mm aluminium sheet 2.2k/w = wf262100 / wf151200 2.1k/w = wf210000 1.2k/w = wf121000 1.1k/w = wf131100 0.7 5k/w = wf070000 0.55k/w = wf050000 0.3k/w = wf031100 average current ie (arms) power dissipation pd (w) please refer to the installation no tice for precautions about mounting the device on a heatsink. ambient temperature (c) v d2 (v) i (a)
celduc ? r e l a i s celduc ? r e l a i s s/ acc / eso 0 1 000 / b / 2 3 /0 9 / 08 preliminary page 4 / 4 uk general information mounting 2 screws (m4x12mm ; tightening = 1.2n.m) see mounting sheet screwdriver for connections pozidriv2 tightening torque for connections 2 n.m insulated crimp terminals (round tabs, eyelet type) m5 display green led ( load supplied ) housing ul94v0 general information weight 80g standa rds standards iec60947 - 1 protection level ip 2 0 protection against direct touch yes ce marking yes stan - dards ul, culus and vde approvals pending dimensions and accesso r i es fig. 8 dimensions (mm) accesso ri es flat tab connection adaptors 1l587000 please consult our website for other accessory references (heatsink s , mounting adaptors, thermal grease?) www.celduc.com 5, r ue ampre b.p. 3000 4 42290 sorbiers - france p hone : 33 (0) 4 77 53 90 2 1 fax : 33 (0 ) 4 77 53 85 51 email : celduc - relais@celduc.com


▲Up To Search▲   

 
Price & Availability of ESO01000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X